Part Number Hot Search : 
13020 N4687 1342FA LT3781IG D1816L D1816L 4042B 04N80C3
Product Description
Full Text Search
 

To Download VIT3080C-E34W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 89168 for technical questions within your region, please contact one of the following: www.vishay.com revision: 08-sep-09 pdd-americas@vishay.com , pdd-asia@vishay.com , pdd-europe@vishay.com 1 dual trench mos barrier schottky rectifier ultra low v f = 0.46 v at i f = 5 a vt3080c, vft3080c , vbt3080c, vit3080c vishay general semiconductor new product features ? trench mos schottky technology ? low forward voltage drop, low power losses ? high efficiency operation ? meets msl level 1, per j-std-020, lf maximum peak of 245 c (for to-263ab package) ? solder bath temperature 275 c maximum, 10 s, per jesd 22-b106 (for to-220ab, ito-220ab, and to-262aa package) ? compliant to rohs directive 2002/95/ec and in accordance to weee 2002/96/ec typical applications for use in high frequency converters, switching power supplies, freewheeling diodes, or-ing diode, dc-to-dc converters and reverse battery protection. mechanical data case: to-220ab, ito-220ab, to-263ab and to-262aa molding compound meets ul 94 v-0 flammability rating base p/n-e3 - rohs compliant, commercial grade terminals: matte tin plated leads, solderable per j-std-002 and jesd 22-b102 e3 suffix meets jesd 2 01 class 1a whisker test polarity: as marked mounting torque: 10 in-lbs maximum primary characteristics i f(av) 2 x 15 a v rrm 80 v i fsm 150 a v f at i f = 15 a 0.65 v t j max. 150 c to-220ab 1 2 3 1 k 2 3 to-263ab 1 2 k to-262aa pin 1 pin 2 k heatsink pin 1 pin 2 case pin 3 pin 1 pin 2 pin 3 pin 1 pin 2 pin 3 k tmbs ? ito-220ab 1 2 3 vt3080c vft3080c vit3080c vbt3080c maximum ratings (t a = 25 c unless otherwise noted) parameter symbol vt3080c vft3080c vbt3080c vit3080c unit maximum repetitive peak reverse voltage v rrm 80 v maximum average forward rectified current (fig. 1) per device i f(av) 30 a per diode 15 peak forward surge curr ent 8.3 ms single half sine-wave superimposed on rated load i fsm 150 a non-repetitive avalanche energy at t j = 25 c, l = 60 mh e as 160 mj peak repetitive reverse current at t p = 2 s, 1 khz, t j = 38 c 2 c per diode i rrm 1.0 a isolation voltage (ito-220ab only) from terminal to heatsink t = 1 min v ac 1500 v operating junction and storage temperature range t j , t stg - 55 to + 150 c
www.vishay.com for technical questions wi thin your region, please contact one of the following: document number: 89168 2 pdd-americas@vishay.com , pdd-asia@vishay.com , pdd-europe@vishay.com revision: 08-sep-09 vt3080c, vft3080c, vbt3080c, vit3080c vishay general semiconductor new product notes (1) pulse test: 300 s pulse width, 1 % duty cycle (2) pulse test: pulse width 40 ms ratings and characteristics curves (t a = 25 c unless otherwise noted) fig. 1 - maximum forward current derating curve fi g. 2 - forward power loss characteristics per diode electrical characteristics (t a = 25 c unless otherwise noted) parameter test conditions symbol typ. max. unit breakdown voltage i r = 1.0 ma t a = 25 c v br 80 (minimum) - v instantaneous forward voltage per diode i f = 5 a t a = 25 c v f (1) 0.52 - v i f = 7.5 a 0.58 - i f = 15 a 0.75 0.82 i f = 5 a t a = 125 c 0.46 - i f = 7.5 a 0.52 - i f = 15 a 0.65 0.70 reverse current per diode v r = 80 v t a = 25 c i r (2) 30 700 a t a = 125 c 20 35 ma thermal characteristics (t a = 25 c unless otherwise noted) parameter symbol vt3080c vft3080c vbt3080c vit3080c unit typical thermal resistance per diode r jc 2.5 6.0 2.5 2.5 c/w per device 2.0 5.0 2.0 2.0 ordering information (example) package preferred p/n unit weight (g) p ackage code base quantity delivery mode to-220ab vt3080c-e3/4w 1.89 4w 50/tube tube ito-220ab vft3080c-e3/4w 1.76 4w 50/tube tube to-263ab vbt3080c-e3/4w 1.39 4w 50/tube tube to-263ab vbt3080c-e3/8w 1.39 8w 800/reel tape and reel to-262aa vit3080c-e3/4w 1.46 4w 50/tube tube case temperat u re (c) 35 25 0 0 75 175 a v erage for w ard c u rrent (a) 25 100 150 5 50 125 10 30 20 resisti v e or ind u cti v e load v (b,i)t30 8 0c v ft30 8 0c 15 d = 0.1 d = 0.2 d = 0.3 d = 0.5 d = 1.0 a v erage for w ard c u rrent (a) 14 0 0 8 1 8 a v erage po w er loss ( w ) 212 2 416 61014 8 4 d = t p /t t p t 6 d = 0. 8 12 10
document number: 89168 for technical questions within your region, please contact one of the following: www.vishay.com revision: 08-sep-09 pdd-americas@vishay.com , pdd-asia@vishay.com , pdd-europe@vishay.com 3 vt3080c, vft3080c , vbt3080c, vit3080c vishay general semiconductor new product fig. 3 - typical instantaneous forward characteristics per diode fig. 4 - typical reverse characteristics per diode fig. 5 - typical junc tion capacitance per diode fig. 6 - typical transient thermal impedance per device t a = 150 c t a = 125 c t a = 25 c instantaneo u s for w ard v oltage ( v ) 100 0.1 0 0.6 1.2 instantaneo u s for w ard c u rrent (a) 0.2 0. 8 1 0.4 1.0 t a = 100 c 10 percent of rated peak re v erse v oltage ( % ) 100 0.001 20 40 100 instantaneo u s re v erse c u rrent (ma) 50 1 30 60 10 90 70 0.1 0.01 8 0 t a = 150 c t a = 125 c t a = 25 c t a = 100 c re v erse v oltage ( v ) 10 000 10 0.1 100 j u nction capacitance (pf) 1 100 10 t j = 25 c f = 1.0 mhz v sig = 50 m v p-p 1000 t - p u lse d u ration (s) 10 0.1 0.01 10 100 transient thermal impedance (c/ w ) 0.1 1 v (b,i)t30 8 0c v ft30 8 0c j u nction to case 1
www.vishay.com for technical questions wi thin your region, please contact one of the following: document number: 89168 4 pdd-americas@vishay.com , pdd-asia@vishay.com , pdd-europe@vishay.com revision: 08-sep-09 vt3080c, vft3080c, vbt3080c, vit3080c vishay general semiconductor new product package outline dimensions in inches (millimeters) to-220ab 0.113 (2. 8 7) 0.103 (2.62) 0.370 (9.40) 0.360 (9.14) 0.415 (10.54) max. 0.635 (16.13) 0.625 (15. 8 7) pi n 0.160 (4.06) 0.140 (3.56) 0.057 (1.45) 0.045 (1.14) 0.105 (2.67) 0.095 (2.41) 0.104 (2.65) 0.096 (2.45) 0.205 (5.20) 0.195 (4.95) 0.035 (0.90) 0.02 8 (0.70) 0.154 (3.91) 0.14 8 (3.74) 1 3 2 0.1 8 5 (4.70) 0.175 (4.44) 0.055 (1.39) 0.045 (1.14) 0.145 (3.6 8 ) 0.135 (3.43) 0.350 ( 8 . 8 9) 0.330 ( 8 .3 8 ) 1.14 8 (29.16) 1.11 8 (2 8 .40) 0.560 (14.22) 0.530 (13.46) 0.022 (0.56) 0.014 (0.36) 0.110 (2.79) 0.100 (2.54) 0.603 (15.32) 0.573 (14.55) ito-220ab 0.076 (1.93) ref. 45 ref. pi n 3 2 1 0.404 (10.26) 0.3 8 4 (9.75) 0.076 (1.93) ref. 0.600 (15.24) 0.5 8 0 (14.73) 0.560 (14.22) 0.530 (13.46) 0.057 (1.45) 0.045 (1.14) 0.057 (1.45) 0.045 (1.14) 0.191 (4. 8 5) 0.171 (4.35) 0.671 (17.04) 0.651 (16.54) 0.035 (0. 8 9) 0.025 (0.64) 0.205 (5.21) 0.195 (4.95) 0.025 (0.64) 0.015 (0.3 8 ) 0.105 (2.67) 0.095 (2.41) 0.02 8 (0.71) 0.020 (0.51) 0.110 (2.79) 0.100 (2.54) 7 ref. 0.135 (3.43) dia. 0.122 (3.0 8 ) dia. 0.110 (2.79) 0.100 (2.54) 0.190 (4. 8 3) 0.170 (4.32) 7 ref. 7 ref. 0.140 (3.56) dia. 0.125 (3.17) dia. 0.350 ( 8 . 8 9) 0.330 ( 8 .3 8 ) to-262aa 0.401 (10.19) 0.3 8 1 (9.6 8 ) 0.1 8 5 (4.70) 0.175 (4.44) 0.055 (1.40) 0.045 (1.14) 0.110 (2.79) 0.100 (2.54) 0.350 ( 8 . 8 9) 0.330 ( 8 .3 8 ) 0.560 (14.22) 0.530 (13.46) 0.022 (0.56) 0.014 (0.35) k 123 0.055 (1.40) 0.047 (1.19) 0.510 (12.95) 0.470 (11.94) pi n 0.411 (10.45) max. 0.250 (6.35) mi n . 30 (typ.) (ref.) 0.035 (0.90) 0.02 8 (0.70) 0.205 (5.20) 0.195 (4.95) 0.104 (2.65) 0.096 (2.45) 0.057 (1.45) 0.045 (1.14) 0.160 (4.06) 0.140 (3.56) 0.950 (24.13) 0.920 (23.37) to-263ab mountin g pad layout 0.670 (17.02) 0.591 (15.00) 0.105 (2.67) 0.095 (2.41) 0.0 8 (2.032) mi n . 0.15 (3. 8 1) mi n . 0.33 ( 8 .3 8 ) mi n . 0.42 (10.66) mi n . 12 k k 0.140 (3.56) 0.110 (2.79) 0.021 (0.53) 0.014 (0.36) 0.110 (2.79) 0.090 (2.29) 0 to 0.01 (0 to 0.254) 0.055 (1.40) 0.047 (1.19) 0.055 (1.40) 0.045 (1.14) 0.190 (4. 8 3) 0.160 (4.06) 0.205 (5.20) 0.195 (4.95) 0.624 (15. 8 5) 0.591 (15.00) 0.037 (0.940) 0.027 (0.6 8 6) 0.105 (2.67) 0.095 (2.41) 0.360 (9.14) 0.320 ( 8 .13) 0.411 (10.45) 0.3 8 0 (9.65) 0.245 (6.22) mi n .
legal disclaimer notice www.vishay.com vishay revision: 12-mar-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products no t expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale , including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding th e design or manufacture of the part. please contact authorized vishay personnel t o obtain written terms and conditions regardin g products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu.


▲Up To Search▲   

 
Price & Availability of VIT3080C-E34W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X